전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304C6 데이터시트(PDF) 9 Page - Infineon Technologies AG

부품명 01304C6
상세설명  OptiMOSTM Power-MOSFET, 40 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

01304C6 데이터시트(HTML) 9 Page - Infineon Technologies AG

Back Button 01304C6 Datasheet HTML 5Page - Infineon Technologies AG 01304C6 Datasheet HTML 6Page - Infineon Technologies AG 01304C6 Datasheet HTML 7Page - Infineon Technologies AG 01304C6 Datasheet HTML 8Page - Infineon Technologies AG 01304C6 Datasheet HTML 9Page - Infineon Technologies AG 01304C6 Datasheet HTML 10Page - Infineon Technologies AG 01304C6 Datasheet HTML 11Page - Infineon Technologies AG 01304C6 Datasheet HTML 12Page - Infineon Technologies AG 01304C6 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
OptiMOSTMPower-MOSFET,40V
IQE013N04LM6CG
Rev.2.0,2020-07-15
Final Data Sheet
Diagram13:Avalanchecharacteristics
tAV[µs]
100
101
102
103
100
101
102
25 °C
100 °C
150 °C
IAS=f(tAV);RGS=25
Ω;parameter:Tj,start
Diagram14:Typ.gatecharge
Qgate[nC]
0
10
20
30
40
50
0
2
4
6
8
10
32 V
20 V
8 V
VGS=f(Qgate),ID=20Apulsed,Tj=25°C;parameter:VDD
Diagram15:Drain-sourcebreakdownvoltage
Tj[°C]
-80
-40
0
40
80
120
160
200
38
39
40
41
42
43
44
VBR(DSS)=f(Tj);ID=1mA
Diagram Gate charge waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com