전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMC1702 데이터시트(PDF) 3 Page - Microchip Technology

부품명 EMC1702
상세설명  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 데이터시트(HTML) 3 Page - Microchip Technology

  EMC1702 Datasheet HTML 1Page - Microchip Technology EMC1702 Datasheet HTML 2Page - Microchip Technology EMC1702 Datasheet HTML 3Page - Microchip Technology EMC1702 Datasheet HTML 4Page - Microchip Technology EMC1702 Datasheet HTML 5Page - Microchip Technology EMC1702 Datasheet HTML 6Page - Microchip Technology EMC1702 Datasheet HTML 7Page - Microchip Technology EMC1702 Datasheet HTML 8Page - Microchip Technology EMC1702 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
3
DS20006455A
Ordering Information:
REEL SIZE IS 4,000 PIECES
This product meets the halogen maximum concentration values per IEC61249-2-21
ORDERING NUMBER
PACKAGE
FEATURES
EMC1702-1-KP-TR
12-pin 4mm x 4mm QFN
(Lead-free ROHS compliant)
External Diode, current sensor,
hardware set peak detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60