| 전자부품 데이터시트 검색엔진 |
|
68HC705JB4 데이터시트(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB4 데이터시트(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 134 page ![]() February 24, 1999 GENERAL RELEASE SPECIFICATION MC68HC05JB4 16-BIT TIMER MOTOROLA REV 2 9-7 Writing to the OCRH before writing to the OCRL inhibits timer compares until the OCRL is written. Reading or writing to the OCRL after reading the TSR will clear the output compare flag bit (OCF). Figure 9-8. Timer Output Compare Block Diagram To prevent OCF from being set between the time it is read and the time the output compare registers are updated, use the following procedure: 1. Disable interrupts by setting the I bit in the condition code register. 2. Write to the OCRH. Compares are now inhibited until OCRL is written. 3. Read the TSR to arm the OCF for clearing. 4. Enable the output compare registers by writing to the OCRL. This also clears the OCF flag bit in the TSR. 5. Enable interrupts by clearing the I bit in the condition code register. BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 OCRH R OCRH7 OCRH6 OCRH5 OCRH4 OCRH3 OCRH2 OCRH1 OCRH0 $0016 W reset: UUUUUUUU OCRL R OCRL7 OCRL6 OCRL5 OCRL4 OCRL3 OCRL2 OCRL1 OCRL0 $0017 W reset: UUUUUUUU U = UNAFFECTED BY RESET Figure 9-9. Output Compare Registers (OCRH, OCRL) OCRH ($0016) 16-BIT COUNTER ÷ 4 INTERNAL (fOSC ÷ 2) TIMER CONTROL REG. TIMER REQUEST OUTPUT COMPARE RESET CLOCK INTERRUPT OCRL ($0017) TIMER STATUS REG. $0012 $0013 INTERNAL ($FFFC) DATA R/W OCRH R/W OCRL BUS 16-BIT COMPARATOR (OCF) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |