전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4131C/D 데이터시트(PDF) 6 Page - Maxim Integrated Products

부품명 MAX4131C/D
상세설명  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D 데이터시트(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
6
Maxim Integrated
60
-40
100
1k
10k
1M
10M
100k
100M
GAIN AND PHASE
vs. FREQUENCY
-20
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
NO LOAD
180
144
72
0
-72
-144
-180
-108
-36
36
108
MAX4130/34-01
60
-40
100
1k
10k
1M
10M
100k
100M
GAIN AND PHASE
vs. FREQUENCY (WITH CLOAD)
-20
MAX4130/34-02
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
RL =
∞
CL = 160pF
180
144
72
0
-72
-144
-180
-108
-36
36
108
0
-100
10
100
1k
100k
1M
10M
10k
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
AV = +1
0
10
5
15
20
25
35
30
45
40
50
-40 -25 -10
5
20355065
8095
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +6.5V
VCC = +2.7V
100
0.10
0.01
100
1k
100k
1M
10M
10k
100M
OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
1
10
AV = +1
1150
800
850
900
950
1050
1000
1100
-40 -25 -10
5
20
35
50
65
80
95
SUPPLY CURRENT PER AMPLIFIER
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +6.5V
VCC = +2.7V
-10
-5
0
5
10
15
20
-40 -25 -10
5
20
35
50
65
80
95
OUTPUT LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +6.5V
VOUT SHORT
TO VCC
VCC = +2.7V
VCC = +6.5V
VOUT SHORT
TO VEE
VCC = +2.7V
AV = +1
SHDN = 0V
Typical Operating Characteristics
(VCC = +5V, VEE = 0V, VCM = VCC / 2, TA = +25°C, unless otherwise noted.)
-60
0123456
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
-50
-40
-30
-20
-10
0
10
20
30
40
VCC = +2.7V
VCC = +6.5V
-60
-40
-40 -25 -10
5
20355065
8095
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-20
0
20
40
60
VCC = +6.5V, VCM = VCC
VCC = +2.7V, VCM = VEE
VCC = +2.7V, VCM = VCC
VCC = +6.5V, VCM = VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com