전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4131C/D 데이터시트(PDF) 7 Page - Maxim Integrated Products

부품명 MAX4131C/D
상세설명  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D 데이터시트(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
7
Maxim Integrated
120
70
75
0
600
110
115
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
300
95
85
90
80
100
200
500
105
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
VCC = +6.5V
RL TO VCC
130
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
120
TEMPERATURE (
°C)
110
100
85
95
125
115
105
VCC = +6.5V, RL TO VCC OR VEE
VCC = +2.7V, RL TO VCC OR VEE
RL = 100k
Ω
VOUT(P-P) = VCC - 0.6V
1.2
1.3
1.5
1.4
1.6
1.7
1.8
1.9
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC / 2, TA = +25°C, unless otherwise noted.)
120
80
85
90
95
100
105
110
115
-40 -25 -10
5
20
35
50
65
80
95
COMMON-MODE REJECTION
vs. TEMPERATURE
TEMPERATURE (
°C)
VCM = 0V TO 5.0V
VCM = 0.2V TO 5.2V
VCM = 0.3V TO 5.3V
130
70
0
600
120
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
300
100
90
80
100
200
500
110
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = +6.5V
RL TO VEE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
120
60
0
600
110
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = +2.7V
RL TO VEE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
120
80
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
TEMPERATURE (
°C)
105
85
95
115
110
100
VCC = +2.7V,
RL TO VEE
VCC = +6.5V,
RL TO VCC
VCC = +2.7V, RL TO VCC
VOUT(P-P) = VCC -1V
RL = 500
Ω
VCC = +6.5V,
RL TO VEE
120
70
75
0600
110
115
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
300
95
85
90
80
100
200
500
105
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
VCC = +2.7V
RL TO VCC
-3.00
-2.25
-0.75
-1.50
0
1.50
0.75
2.25
3.00
-40 -25 -10
5
20
35
50
65
80
95
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
SOT23
PACKAGE
SO PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com