전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4131C/D 데이터시트(PDF) 1 Page - Maxim Integrated Products

부품명 MAX4131C/D
상세설명  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D 데이터시트(HTML) 1 Page - Maxim Integrated Products

  MAX4131C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
19-1089; Rev 4; 1/14
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX4130–MAX4134 family of operational amplifiers
combines 10MHz gain-bandwidth product and excellent
DC accuracy with rail-to-rail operation at the inputs and
outputs. These devices require only 900µA per amplifier,
and operate from either a single supply (+2.7V to +6.5V)
or dual supplies (±1.35V to ±3.25V) with a common-
mode voltage range that extends 250mV beyond VEE
and VCC. They are capable of driving 250
Ω loads and
are unity-gain stable. In addition, the MAX4131/
MAX4133 feature a shutdown mode in which the outputs
are placed in a high-impedance state and the supply
current is reduced to only 25µA per amplifier.
With their rail-to-rail input common-mode range and
output swing, the MAX4130–MAX4134 are ideal for low-
voltage, single-supply operation. Although the minimum
operating voltage is specified at 2.7V, the devices
typically operate down to 1.8V. In addition, low offset
voltage and high speed make them the ideal signal-
conditioning stages for precision, low-voltage data-
acquisition systems. The MAX4130 is offered in the
space-saving 5-pin SOT23 package. The MAX4131 is
offered in the ultra-small 6-bump, 1mm x 1.5mm chip-
scale package (UCSP™).
________________________Applications
Battery-Powered Instruments
Portable Equipment
Data-Acquisition Systems
Signal Conditioning
Low-Power, Low-Voltage Applications
Features
o 6-Bump UCSP (MAX4131)
o +2.7V to +6.5V Single-Supply Operation
o Rail-to-Rail Input Common-Mode Voltage Range
o Rail-to-Rail Output Voltage Swing
o 10MHz Gain-Bandwidth Product
o 900µA Quiescent Current per Amplifier
o 25µA Shutdown Function (MAX4131/MAX4133)
o 200µV Offset Voltage
o No Phase Reversal for Overdriven Inputs
o Drive 250Ω Loads
o Stable with 160pF Capacitive Loads
o Unity-Gain Stable
MAX147
MAX4131
SHDN
3
1
2
4
5
6
8
7
VDD
+3V
AIN
VREF
GND
DOUT
SERIAL
INTERFACE
SCLK
CS
Typical Operating Circuit
Ordering Information
*
Dice are specified at TA = +25°C. DC parameters only.
Ordering Information continued at end of data sheet.
Selector Guide
Pin Configurations appear at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
PART
AMPS PER
PACKAGE
SHUTDOWN
MODE
PIN-
PACKAGE
MAX4130
1
—
5 SOT23
MAX4131
1
Yes
6 UCSP,
8 µMAX/SO
MAX4132
2
—
8 µMAX/SO
MAX4133
2
Yes
14 SO
MAX4134
4
—
14 SO
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4130EUK-T
-40°C to +85°C
5 SOT23
AABB
MAX4131C/D
0°C to +70°C
Dice*
—
MAX4131EBT-T
-40°C to +85°C
6 UCSP
AAX
MAX4131EUA
-40°C to +85°C
8 µMAX
—
MAX4131ESA
-40°C to +85°C
8 SO
—


유사한 부품 번호 - MAX4131C/D

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX4131C/D MAXIM-MAX4131C/D Datasheet
194Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
More results

유사한 설명 - MAX4131C/D

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com