전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4131C/D 데이터시트(PDF) 8 Page - Maxim Integrated Products

부품명 MAX4131C/D
상세설명  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131C/D 데이터시트(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4131C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4131C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MAX4130–MAX4134
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply, Rail-to-Rail I/O Op Amps
8
Maxim Integrated
140
80
10k
1k
100k
10M
1M
CHANNEL SEPARATION
vs. FREQUENCY
FREQUENCY (Hz)
100
90
130
110
120
VS = +5V
10
100k
10k
FREQUENCY (Hz)
100
1k
0.030
0
0.005
0.010
0.015
0.020
0.025
TOTAL HARMONIC DISTORTION
AND NOISE vs. FREQUENCY
2Vp-p SIGNAL
500kHz LOWPASS FILTER
RL = 10k
Ω TO VCC / 2
0.1
0.001
4.0
4.4
4.2
5.0
4.8
4.6
TOTAL HARMONIC DISTORTION AND NOISE
vs. PEAK-TO-PEAK SIGNAL AMPLITUDE
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
0.01
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
RL = 250
Ω
AV = +1
10kHz SINE WAVE
RL TO VCC / 2
500kHz LOWPASS FILTER
IN
TIME (200ns/div)
OUT
MAX4131
SMALL-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
AV = +1
IN
TIME (200ns/div)
OUT
MAX4131
SMALL-SIGNAL TRANSIENT
RESPONSE (INVERTING)
AV = -1
IN
TIME (2
μs/div)
OUT
MAX4131
LARGE-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
AV = +1
IN
TIME (2
μs/div)
OUT
MAX4131
LARGE-SIGNAL TRANSIENT
RESPONSE (INVERTING)
AV = -1
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC / 2, TA = +25°C, unless otherwise noted.)
160
0
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
140
120
TEMPERATURE (
°C)
100
80
60
40
RL TO VCC
VCC = +6.5V, RL = 500
Ω
VCC = +2.7V, RL = 100k
Ω
VCC = +2.7V, RL = 500
Ω
VCC = +6.5V, RL = 100k
Ω
0
50
100
150
200
250
300
-40 -25 -10
5
20
35
50
65
80
95
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
RL TO VEE
VCC = +6.5V, RL = 500
Ω
VCC = +2.7V, RL = 100k
Ω (BOTTOM)
VCC = +2.7V, RL = 500
Ω
VCC = +6.5V, RL = 100k
Ω (TOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com