전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFZ44STRLPBFA 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 IRFZ44STRLPBFA
상세설명  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFZ44STRLPBFA 데이터시트(HTML) 5 Page - Vishay Siliconix

  IRFZ44STRLPBFA Datasheet HTML 1Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 2Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRFZ44S, IRFZ44L, SiHFZ44S, SiHFZ44L
www.vishay.com
Vishay Siliconix
S21-0932-Rev. D, 13-Sep-2021
5
Document Number: 91293
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Maximum Drain Current vs. Case Temperature
Fig. 2a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
r
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com