전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFZ44STRLPBFA 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 IRFZ44STRLPBFA
상세설명  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFZ44STRLPBFA 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button IRFZ44STRLPBFA Datasheet HTML 3Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 4Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 5Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 6Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 7Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 8Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 9Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 10Page - Vishay Siliconix IRFZ44STRLPBFA Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AN826
Vishay Siliconix
Document Number: 73397
11-Apr-05
www.vishay.com
1
RECOMMENDED MINIMUM PADS FOR D2PAK: 3-Lead
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.420
(10.668)
0.145
(3.683)
0.135
(3.429)
0.200
(5.080)
0.050
(1.257)
Return to Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com