| 전자부품 데이터시트 검색엔진 |
|
WM8581 데이터시트(PDF) 68 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8581 데이터시트(HTML) 68 Page - Wolfson Microelectronics plc |
|
68 / 94 page ![]() WM8581 Product Preview w PP Rev 1.0 March 2006 68 Figure 34 Typical Power up sequence where DVDD is powered before AVDD Figure 35 Typical Power up sequence where AVDD is powered before DVDD SYMBOL MIN TYP MAX UNIT Vpora 0.5 0.7 1.0 V Vporr 0.5 0.7 1.1 V Vpora_off 1.0 1.4 2.0 V Vpord_off 0.6 0.8 1.0 V Table 67 Typical POR Operation In a real application, the designer is unlikely to have control of the relative power up sequence of AVDD and DVDD. Using the POR circuit to monitor VMID ensures a reasonable delay between applying power to the device and Device Ready. |