전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAMLL4R 데이터시트(PDF) 35 Page - NXP Semiconductors

부품명 MPC5607BAMLL4R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R 데이터시트(HTML) 35 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 31Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 34Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 35Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 36Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 37Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 38Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
35
The parameters listed in the following tables represent the characteristics of the device and its demands on
the system.
In the tables where the device logic provides signals with their respective timing characteristics, the
symbol “CC” for Controller Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing characteristics to
the device, the symbol “SR” for System Requirement is included in the Symbol column.
4.1
Parameter classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding, the classifications listed in Table 7 are used and the parameters are tagged
accordingly in the tables where appropriate.
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
4.2
NVUSRO register
Bit values in the Non-Volatile User Options (NVUSRO) Register control portions of the device configuration, namely electrical
parameters such as high voltage supply and oscillator margin, as well as digital functionality (watchdog enable/disable after
reset).
For a detailed description of the NVUSRO register, please refer to the device reference manual.
4.2.1
NVUSRO[PAD3V5V] field description
The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 8 shows how NVUSRO[PAD3V5V] controls
the device configuration.
Table 7. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column
are within this category.
D
Those parameters are derived mainly from simulations.
Table 8. PAD3V5V field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com