전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAMLL4R 데이터시트(PDF) 42 Page - NXP Semiconductors

부품명 MPC5607BAMLL4R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R 데이터시트(HTML) 42 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 38Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 39Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 40Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 41Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 42Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 43Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 44Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 45Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
42
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273 °C)
Eqn. 2
Therefore, solving equations 1 and 2:
K = PD x (TA + 273 °C) + RθJA x PD
2
Eqn. 3
Where:
K is a constant for the particular part, which may be determined from Equation 3 by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ may be
obtained by solving equations 1 and 2 iteratively for any value of TA.
4.6
I/O pad electrical characteristics
4.6.1
I/O pad types
The device provides four main I/O pad types depending on the associated alternate functions:
•
Slow pads—are the most common pads, providing a good compromise between transition time and
low electromagnetic emission.
•
Medium pads—provide transition fast enough for the serial communication channels with
controlled current to reduce electromagnetic emission.
•
Fast pads—provide maximum speed. These are used for improved Nexus debugging capability.
•
Input only pads—are associated with ADC channels and 32 kHz low power external crystal
oscillator providing low input leakage.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of
reducing AC performance.
4.6.2
I/O input DC characteristics
Table 15 provides input DC electrical characteristics as described in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com