전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAMLL4R 데이터시트(PDF) 81 Page - NXP Semiconductors

부품명 MPC5607BAMLL4R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R 데이터시트(HTML) 81 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 77Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 78Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 79Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 80Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 81Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 82Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 83Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 84Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
81
ADC_0 (10-bit)
Eqn. 13
ADC_1 (12-bit)
Eqn. 14
4.16.3
ADC electrical characteristics
Table 43. ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC D Input leakage current TA = −40 °C No current injection on adjacent pin
—
1
70
nA
DTA = 25 °C
—
1
70
DTA = 85 °C
3
100
DTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 44. ADC_0 conversion characteristics (10-bit ADC_0)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
VSS_ADC0 SR — Voltage on VSS_HV_ADC0
(ADC_0 reference) pin with
respect to ground (VSS)
2
—
−0.1
—
0.1
V
VDD_ADC0 SR — Voltage on VDD_HV_ADC pin
(ADC reference) with respect
to ground (VSS)
—VDD − 0.1
—
VDD +0.1
V
VAINx
SR — Analog input voltage3
—VSS_ADC0
− 0.1
—VDD_ADC0
+0.1
V
IADC0pwd SR — ADC_0 consumption in power
down mode
——
—
50
µA
IADC0run SR — ADC_0 consumption in
running mode
——
—
5
mA
fADC0
SR — ADC_0 analog frequency
—
6—
32 + 4% MHz
ΔADC0_SYS SR — ADC_0 digital clock duty cycle
(ipg_clk)
ADCLKSEL = 14
45
—
55
%
tADC0_PU SR — ADC_0 power up delay
—
——
1.5
µs
tADC0_S CC T Sampling time
5
fADC = 32 MHz,
INPSAMP = 17
0.5
—
µs
fADC = 6 MHz,
INPSAMP = 255
——
42
CF 2048 CS
•
>
CF 8192 CS
•
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com