전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAMLL4R 데이터시트(PDF) 54 Page - NXP Semiconductors

부품명 MPC5607BAMLL4R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R 데이터시트(HTML) 54 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 50Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 51Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 52Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 53Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 54Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 55Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
54
4.6.6
RESET electrical characteristics
The device implements a dedicated bidirectional RESET pin.
6
4
4
PC[0]
6%
9%7%8%
7%
10%
8%
8%
PH[9]
7%
—
8%
—
7%
—
9%
—
PE[2]
7%
10%
8%
9%
8%
11%
9%
10%
PE[3]
7%
10%
9%
9%
8%
12%
10%
10%
PC[5]
7%
11%
9%
9%
8%
12%
10%
11%
PC[4]
8%
11%
9%
10%
9%
13%
10%
11%
PE[4]
8%
11%
9%
10%
9%
13%
11%
12%
PE[5]
8%
11%
10%
10%
9%
14%
11%
12%
—
PH[4]
8%
12%
10%
10%
10%
14%
12%
12%
—
PH[5]
8%
—
10%
—
10%
—
12%
—
—
PH[6]
8%
12%
10%
11%
10%
15%
12%
13%
—
PH[7]
9%
12%
10%
11%
11%
15%
13%
13%
—
PH[8]
9%
12%
10%
11%
11%
16%
13%
14%
4
PE[6]
9%
12%
10%
11%
11%
16%
13%
14%
PE[7]
9%
12%
10%
11%
11%
16%
14%
14%
—
—
PI[3]
9%
—
10%
—————
—
—
PI[2]
9%
—
10%
—————
—
—
PI[1]
9%
—
10%
—————
—
—
PI[0]
9%
—
10%
—————
4
4
PC[12]
8%
12%
10%
11%
12%
18%
15%
16%
PC[13]
8%
—
10%
—
13%
—
15%
—
PC[8]
8%
—
10%
—
13%
—
15%
—
PB[2]
8%
11%
9%
10%
13%
18%
15%
16%
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 SRC: “Slew Rate Control” bit in SIU_PCRx
Table 23. I/O weight1 (continued)
Supply segment
Pad
176 LQFP
144/100 LQFP
Weight 5 V
Weight 3.3 V
Weight 5 V
Weight 3.3 V
176
LQFP
144
LQFP
100
LQFP
SRC2 =0 SRC=1 SRC =0 SRC=1 SRC =0 SRC=1 SRC =0 SRC= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com