전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT82K95A 데이터시트(PDF) 23 Page - Holtek Semiconductor Inc

부품명 HT82K95A
상세설명  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A 데이터시트(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 19Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Application Circuits
Crystal or Ceramic Resonator for Multiple I/O Applications
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES to high.
X1 can use 6MHz or 12MHz, X1 as close OSC1 & OSC2 as possible.
Components with * are used for EMC issue.
Components with ** are used for resonator only.
Components with *** are used for 12MHz application.
HT82K95E/HT82K95A
Rev. 1.20
23
October 24, 2005
H T 8 2 K 9 5 E / H T 8 2 K 9 5 A
U S B D + / C L K
U S B D - / D A T A
V 3 3 O
1 . 5 k W
V D D
U S B -
U S B +
V S S
3 3 W
3 3 W
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
0 . 1 m F
4 7 p F
*
4 7 p F
*
*
*
5 W
0 . 1 m F
*
*
4 7 p F *
4 7 p F *
V D D
O S C 1
O S C 2
R E S
V S S
0 . 1 m F
1 0 0 k W
1 0 m F
3 3 W
X 1
*
0 . 1 m F
2 2 p F
2 2 p F
0 . 1 m F
1 0 k W
5 W *
*
*
* *
* *
1 M W * * *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com