전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT82K95A 데이터시트(PDF) 44 Page - Holtek Semiconductor Inc

부품명 HT82K95A
상세설명  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K95A 데이터시트(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT82K95A Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 43Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 44Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 45Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 46Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 47Page - Holtek Semiconductor Inc HT82K95A Datasheet HTML 48Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
SSOP 20N (209mil)
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1
B
Reel Inner Diameter
62
±1.5
C
Spindle Hole Diameter
13+0.5
-0.2
D
Key Slit Width
2
±0.5
T1
Space Between Flange
16.8+0.3
-0.2
T2
Reel Thickness
22.2
±0.2
SSOP 48W
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1
B
Reel Inner Diameter
100
±0.1
C
Spindle Hole Diameter
13+0.5
-0.2
D
Key Slit Width
2
±0.5
T1
Space Between Flange
32.2+0.3
-0.2
T2
Reel Thickness
38.2
±0.2
HT82K95E/HT82K95A
Rev. 1.20
44
October 24, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com