| 전자부품 데이터시트 검색엔진 |
|
HT82K95A 데이터시트(PDF) 41 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95A 데이터시트(HTML) 41 Page - Holtek Semiconductor Inc |
|
41 / 48 page ![]() 20-pin SSOP (209mil) Outline Dimensions Symbol Dimensions in mil Min. Nom. Max. A 291 ¾ 323 B 196 ¾ 220 C9 ¾ 15 C ¢ 271 ¾ 295 D65 ¾ 73 E ¾ 25.59 ¾ F4 ¾ 10 G26 ¾ 34 H4 ¾ 8 a 0 °¾ 8 ° HT82K95E/HT82K95A Rev. 1.20 41 October 24, 2005 2 0 1 1 1 1 0 A B C D E F C ' G H a |