| 전자부품 데이터시트 검색엔진 |
|
HT82K95A 데이터시트(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K95A 데이터시트(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 48 page ![]() Package Information 20-pin SOP (300mil) Outline Dimensions Symbol Dimensions in mil Min. Nom. Max. A 394 ¾ 419 B 290 ¾ 300 C14 ¾ 20 C ¢ 490 ¾ 510 D92 ¾ 104 E ¾ 50 ¾ F4 ¾¾ G32 ¾ 38 H4 ¾ 12 a 0 °¾ 10 ° HT82K95E/HT82K95A Rev. 1.20 39 October 24, 2005 2 0 1 1 1 1 0 A B C D E F C ' G H a |