전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9960 데이터시트(PDF) 77 Page - STMicroelectronics

부품명 L9960
상세설명  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 데이터시트(HTML) 77 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 73Page - STMicroelectronics L9960 Datasheet HTML 74Page - STMicroelectronics L9960 Datasheet HTML 75Page - STMicroelectronics L9960 Datasheet HTML 76Page - STMicroelectronics L9960 Datasheet HTML 77Page - STMicroelectronics L9960 Datasheet HTML 78Page - STMicroelectronics L9960 Datasheet HTML 79Page - STMicroelectronics L9960 Datasheet HTML 80Page - STMicroelectronics L9960 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
DS11115 Rev 10
77/95
L9960, L9960T
Functional description
94
4.9.3
Read ASIC traceability number
ASIC traceability number can be read back after the following 2 command words
“Component traceability number request“:
Response to command words “Component traceability request” 1 & 2
Figure 36. Wafer XY coordinate
Die coordinate and wafer number bits are defined by specification.
Address
D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
parity_bit
1
1
0
1
0
00
00
00
00
00
0
1
1
0
1
0
00
00
00
00
01
1
Address
R11 R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
1
1
0
1
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
1
1
0
1
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
Table 91. Wafer coordinate
24-bit config[23:0]
Component traceability
I[11:6]
Wafer Y coordinate
I[5:0]
Wafer X coordinate
Table 92. Traceability code and wafer number
24-bit config[23:0]
Component traceability
I[16:12]
Wafer number
Y
0,0
X
GAPGPS02366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95