전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ200G 데이터시트(PDF) 77 Page - STMicroelectronics

부품명 L99DZ200G
상세설명  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G 데이터시트(HTML) 77 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 73Page - STMicroelectronics L99DZ200G Datasheet HTML 74Page - STMicroelectronics L99DZ200G Datasheet HTML 75Page - STMicroelectronics L99DZ200G Datasheet HTML 76Page - STMicroelectronics L99DZ200G Datasheet HTML 77Page - STMicroelectronics L99DZ200G Datasheet HTML 78Page - STMicroelectronics L99DZ200G Datasheet HTML 79Page - STMicroelectronics L99DZ200G Datasheet HTML 80Page - STMicroelectronics L99DZ200G Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 198 page
background image
DS13220 Rev 5
77/198
L99DZ200G
Application information
197
4.5
Functional Overview (truth table)
Table 63. Status of different functions/features vs operating modes
Function
Comments
Operating modes
Active
mode
V1_Standby static
mode (cyclic sense)
VBAT_Standby static
mode (cyclic sense)
Voltage regulator V1
VOUT = 5 V
On
On(1)
Off
Voltage tracker V2
VOUT = 5 V
On/ Off(2)
On(2) / Off
On(2) / Off
Reset generator
On
On
Off
Window watchdog
V1 monitor
On
Off (on if IV1 > ICMP
and ICMP = 0)
Off
Wake up
Off
Active(3)
Active(3)
OUT15 HS cyclic supply
Oscillator time
base
On / Off
On(2) / Off
On(2) / Off
LIN
LIN 2.2a
On
Off(4)
Off(4)
HS_CAN
On / Off(5)
Off(4)
Off(4)
Oscillator OSC1
2 MHz
On
On/Off(6)
On/Off(6)
Oscillator OSC2
32 MHz
ON
Off
Off
VSREG-Monitor
On
(7)
(7)
VS-Monitor
On
Off
Off
H Bridge Gate Driver, EC control,
bridge drivers, heater driver, all
high-side drivers (except OUT15)
supplied by VS
On/ Off(2)
Off(8)
Off
Fail-safe low-side switches
On/ Off(9)
On
On
Short circuit protection for fail-safe
low-side switches (in case LS is
switched on)
On
On
On
OUT15 (P-channel HS) supplied
by VSREG
On/ Off(2)
On/ Off(2)(9)
On/ Off(2)(9)
Charge pump
On
Off
Off
ADC (SPI read out and VSREG
early warning interrupt)
On
Off
Off
Thermal shutdown TSD2
On
On
Off
Thermal shutdown TSD1x for
OUT15 (P-channel HS)
On
On/ Off(2)
On/ Off(2)
1. Supply the processor in low current mode.
2. According to SPI setting and DIR.
3. Unless disabled by SPI.
4. The bus state is internally stored when going to standby mode. A change of bus state will lead to a wake-up after exceeding of
internal filter time (if wake-up by LIN or CAN is not disabled by SPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com