전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ200G 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 L99DZ200G
상세설명  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 16Page - STMicroelectronics L99DZ200G Datasheet HTML 17Page - STMicroelectronics L99DZ200G Datasheet HTML 18Page - STMicroelectronics L99DZ200G Datasheet HTML 19Page - STMicroelectronics L99DZ200G Datasheet HTML 20Page - STMicroelectronics L99DZ200G Datasheet HTML 21Page - STMicroelectronics L99DZ200G Datasheet HTML 22Page - STMicroelectronics L99DZ200G Datasheet HTML 23Page - STMicroelectronics L99DZ200G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 198 page
background image
Electrical specifications
L99DZ200G
20/198
DS13220 Rev 5
Note:
Loss of ground or ground shift with externally grounded loads: ESD structures are configured
for nominal currents only. If external loads are connected to different grounds, the current
load must be limited to this nominal current.
3.2
ESD protection
3.3
Thermal data
Table 3. ESD protection
Parameter
Value
Unit
All pins(1)
1. HBM (human body model, 100pF, 1.5 k ) according to AEC-Q100-002.
+/-2
kV
All power output pins(2): OUT1-15, ECV
2. HBM with all none zapped pins grounded.
+/-4
kV
LIN
+/-25(3)
3. Air discharge for LIN (according to SAE J2962-1, July 2019) C = 150pF, R = 2kΩ and ST ESDLIN1524BJ.
kV
+/-15(4)
4. Air discharge for LIN (according to SAE J2962-1, July 2019) C = 330pF, R = 2kΩ and ST ESDLIN1524BJ.
+/-8(2)
+/-8(5)
5. Indirect ESD Test according to IEC 61000-4-2 (150pF, 330Ω) and 'Hardware Requirements for LIN, CAN
and Flexray Interfaces in Automotive Applications' (version 1.3, May 2012).
+/-6(6)
6. Direct ESD Test according to IEC 61000-4-2 (150pF, 330Ω) and 'Hardware Requirements for LIN, CAN and
Flexray Interfaces in Automotive Applications' (version 1.3, May 2012).
CAN_H, CAN_L
+/-15(7)
7. Air discharge for CAN (according to SAE J2962-2, July 2019) C = 330pF, R = 2kΩ and ST ESDCAN04-
2BWY.
kV
+/-8 (2)
kV
+/-6(6)
All pins(8)
8. Charged Device Model according to AEC-Q100-011.
+/-500
V
Corner pins(8)
+/-750
V
Table 4. Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com