전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99DZ200G 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 L99DZ200G
상세설명  Automotive front door device with LIN and CAN providing dual H-bridge driving
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ200G 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button L99DZ200G Datasheet HTML 35Page - STMicroelectronics L99DZ200G Datasheet HTML 36Page - STMicroelectronics L99DZ200G Datasheet HTML 37Page - STMicroelectronics L99DZ200G Datasheet HTML 38Page - STMicroelectronics L99DZ200G Datasheet HTML 39Page - STMicroelectronics L99DZ200G Datasheet HTML 40Page - STMicroelectronics L99DZ200G Datasheet HTML 41Page - STMicroelectronics L99DZ200G Datasheet HTML 42Page - STMicroelectronics L99DZ200G Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 198 page
background image
DS13220 Rev 5
39/198
L99DZ200G
Electrical specifications
197
D.076
tAR_HB
Auto recovery time limit for
Half Bridges (OUT1, OUT2,
OUT3, OUT6)
Tested by scan
100
ms
D.077
tAR_HS
Auto recovery time limit for
High Sides (OUT7, OUT8,
OUT15)
Tested by scan
120
D.078
|IOLD2|,
|IOLD3|
Under-current threshold HS
& LS
VS = 13.5 V, V1 = 5 V,
sink and source
620
30
mA
D.079
|IOLD1|,
|IOLD6|
Under-current threshold HS &
LS in low on-resistance mode
VS = 13.5 V, V1 = 5 V,
sink and source
40
150
300
mA
D.080
Under-current threshold HS &
LS in high on-resistance
mode
630
90
mA
D.081
|IOLD7|
Under-current threshold HS in
low on-resistance mode
VS/VSREG = 13.5 V;
V1 = 5 V; source
15
40
60
mA
D.082
Under-current threshold HS in
high on-resistance mode
510
15
D.083
|IOLD8|
Under-current threshold HS in
low on-resistance mode
10
30
45
mA
D.084
Under-current threshold HS in
high on-resistance mode
510
15
D.085
|IOLD9|,
|IOLD13|,
|IOLD14|
Under-current threshold HS in
high current mode
612
mA
D.086
Under-current threshold HS in
low current mode
0.25
4
D.087
|IOLD10|
Under -current threshold HS
in high current mode
10
30
mA
D.088
Under -current threshold HS
in low current mode
0.8
4
D.089
|IOLD15|
Under -current threshold HS
in high current mode
612
mA
D.090
Under -current threshold HS
in low current mode
0.5
4
D.091
|IOLDECV|
Under-current threshold LS
VS = 13.5 V; V1 = 5 V; sink
6
20
30
mA
D.092
tOL_out
Filter time of open-load signal
Duration of open-load
condition to set the status bit
(2)
150
200
250
µs
1. OUT7 in high on-resistance mode.
2. Tested by scan.
3. Where xx = HB, 7, 8, 15.
Table 19. Current monitoring (continued)
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com