| 전자부품 데이터시트 검색엔진 |
|
SPSB081C3 데이터시트(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081C3 데이터시트(HTML) 121 Page - STMicroelectronics |
|
121 / 135 page ![]() Bit Name Description 1 1: 66 - 100% 1 0: Invalid configuration 21 RES Reserved 20 RES Reserved 19 WU2_STATE State of WUx input 0 input level is low 1 input level is high The bit shows the momentary status of WUx and cannot be cleared (“Live bit”) 18 WU1_STATE 17 RES Reserved 16 RES Reserved 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved Table 123. Status register SR6 (0x36) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access R R&C R Table 124. SR6 description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved SPSB081 Status registers DS14048 - Rev 1 page 121/135 |