전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPSB081C5 데이터시트(PDF) 95 Page - STMicroelectronics

부품명 SPSB081C5
상세설명  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C5 데이터시트(HTML) 95 Page - STMicroelectronics

Back Button SPSB081C5 Datasheet HTML 91Page - STMicroelectronics SPSB081C5 Datasheet HTML 92Page - STMicroelectronics SPSB081C5 Datasheet HTML 93Page - STMicroelectronics SPSB081C5 Datasheet HTML 94Page - STMicroelectronics SPSB081C5 Datasheet HTML 95Page - STMicroelectronics SPSB081C5 Datasheet HTML 96Page - STMicroelectronics SPSB081C5 Datasheet HTML 97Page - STMicroelectronics SPSB081C5 Datasheet HTML 98Page - STMicroelectronics SPSB081C5 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 135 page
background image
Bit
Name
Description
19
0 0 1 ton2
0 1 0 ton3
0 1 1 ton4
1 0 0 ton5
1 0 1 invalid setting; command is ignored and SPI INV CMD is set
T2 ON_0
18
T2 PER_2
Configuration of Timer 2 Period (1):
0 0 0 T1 (default)
0 0 1 T2
0 1 0 T3
0 1 1 T4
1 0 0 T5
1 0 1 T6
1 1 0 T7
1 1 1 T8
17
T2 PER_1
16
T2 PER_0
15
RES
Reserved
14
RES
Reserved
13
T1 ON_2
Configuration of Timer 1 on-time(1):
0 0 0 ton1 (default)
0 0 1 ton2
0 1 0 ton3
0 1 1 ton4
1 0 0 ton5
1 0 1 invalid setting; command is ignored and SPI INV CMD is set
1 1 0 invalid setting; command is ignored and SPI INV CMD is set
1 1 1 invalid setting; command is ignored and SPI INV CMD is set
12
T1 ON_1
11
T1 ON_0
10
T1 PER_2
Configuration of Timer 1 Period(1):
0 0 0 T1 (default)
0 0 1 T2
0 1 0 T3
0 1 1 T4
1 0 0 T5
1 0 1 T6
1 1 0 T7
1 1 1 T8
9
T1 PER_1
8
T1 PER_0
7
V1 RESET_1
Voltage regulator V1 reset level:
0 0 : VRT4 (default)
0 1 VRT3
1 0 VRT2
1 1 VRT1
6
V1 RESET_0
5
V1_OVP
Voltage Regulator V1 Overvoltage Protection set
0 = disabled
1 = enabled (default)
4
WD_TIME
Window Watchdog Trigger Time
0 TSW1 (default)
SPSB081
Control registers
DS14048 - Rev 1
page 95/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More