전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA8090EXGA 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STA8090EXGA
상세설명  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 12Page - STMicroelectronics STA8090EXGA Datasheet HTML 13Page - STMicroelectronics STA8090EXGA Datasheet HTML 14Page - STMicroelectronics STA8090EXGA Datasheet HTML 15Page - STMicroelectronics STA8090EXGA Datasheet HTML 16Page - STMicroelectronics STA8090EXGA Datasheet HTML 17Page - STMicroelectronics STA8090EXGA Datasheet HTML 18Page - STMicroelectronics STA8090EXGA Datasheet HTML 19Page - STMicroelectronics STA8090EXGA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Pin description
STA8090EXGA
16/42
DS11733 Rev 3
SPI_DO
VDDIO_R1
O
AF0 (default)
SPI_DO
SPI serial data output
B9
I/O
AF1
GPIO27
General purpose I/O #27
I/O
AF2
SQI_SIO0/SI
SQI Flash data IO 0 / ser. 1
I/O
AF3
MMC_D1
Multimedia card data 1
UART0_CTS
VDDIO_R1
I
AF0 (default)
UART0_CTS
UART0 clear to send
A8
I/O
AF1
GPIO15
General purpose I/O #15
O
AF2
i2s_out_sclk
MSP serial clock output
O
AF3
Clock GNSS
GNSS clock out
UART0_DCD
VDDIO_R1
I
AF0 (default)
UART0_DCD
UART0 data carrier detect
C6
I/O
AF1
GPIO17
General purpose I/O #17
O
AF2
i2s_out_sdata
MSP serial data output
O
AF3
Clock GNSS
GNSS clock out
UART0_DSR
VDDIO_R1
I
AF0 (default)
UART0_DSR
UART0 data set ready
A7
I/O
AF1
GPIO16
General purpose I/O #16
O
AF2
i2s_out_lrclk
MSP left/right clock output
OAF3
Sign GC
GLONASS and BeiDou 3-bit coding
output (Sign)
UART0_DTR
VDDIO_R1
O
AF0 (default)
UART0_DTR
UART0 data terminal read
D6
I/O
AF1
GPIO18
General purpose I/O #18
I
AF2
Timer_ICAPA
Extended Function Timer - Input
Capture A
O
AF3
Mag_1 GG
GPS and Galileo 3-bit coding Output
(MAG1)
UART0_RTS
VDDIO_R1
O
AF0 (default)
UART0_RTS
UART0 request to send
B8
I/O
AF1
GPIO14
General purpose I/O #14
O
AF2
TCXO_OUT
TCXO out clock
OAF3
Sign GG
GPS and Galileo 3-bit coding output
(Sign)
UART0_RX
VDDIO_R1
I
AF0 (default)
UART0_RX
UART0 Rx data
B7
O
AF1
SPI_DO
SPI serial data output
I/O
AF2
SQI_SIO2
SQI Flash data IO 2
I
AF3
Timer_ICAPA
Extended Function Timer - Input
Capture A
Table 8. Communication interface pins (continued)
Symbol
I/O
voltage
I/O
Alternative
function
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42