| 전자부품 데이터시트 검색엔진 |
|
STA8090EXGA 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090EXGA 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 42 page ![]() DS11733 Rev 3 17/42 STA8090EXGA Pin description 41 UART0_TX VDDIO_R1 O AF0 (default) UART0_TX UART0 Tx data / BOOT1 C7 I AF1 SPI_DI SPI serial data input I/O AF2 SQI_SIO3 SQI Flash data IO 3 O AF3 Timer_OCMPA Extended Function Timer – Output Compare A UART2_RX VDDIO_R1 I AF0 (default) UART2_RX UART2 Rx data C8 I/O AF1 GPIO28 General purpose I/O #28 I/O AF2 I2C_SD I2C serial data I/O AF3 MMC_D2 Multimedia card data 2 UART2_TX VDDIO_R1 O AF0 (default) UART2_TX UART2 Tx data / BOOT0 D7 I/O AF1 GPIO29 General purpose I/O #29 O AF2 I2C_CLK I2C clock I/O AF3 MMC_D3 Multimedia card data 2 USB_DM VDDIO_R2 USB AF0 USB_DM USB D- signal M1 I AF1 (default) UART1_RX UART1 Rx data I AF2 CAN1_RX CAN1 receive data input I/O AF3 I2C_SD I2C serial data USB_DP VDDIO_R2 USB AF0 USB_DP USB D+ signal L1 O AF1 (default) UART1_TX UART1 Tx data O AF2 CAN1_TX CAN1 transmit data output O AF3 I2C_CLK I2C clock Table 8. Communication interface pins (continued) Symbol I/O voltage I/O Alternative function Function Description |