전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDA903D 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 FDA903D
상세설명  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 65Page - STMicroelectronics FDA903D Datasheet HTML 66Page - STMicroelectronics FDA903D Datasheet HTML 67Page - STMicroelectronics FDA903D Datasheet HTML 68Page - STMicroelectronics FDA903D Datasheet HTML 69Page - STMicroelectronics FDA903D Datasheet HTML 70Page - STMicroelectronics FDA903D Datasheet HTML 71Page - STMicroelectronics FDA903D Datasheet HTML 72Page - STMicroelectronics FDA903D Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
DocID031502 Rev 2
69/82
FDA903D
I2C register
81
Table 20. IB7-ADDR: “I0000111”
Data bit
Default value
Definition
D7-D6
00
Diagnostic ramp time selection:
D7-D6 Timing
00
Normal
01
x2
10
x4
11
/2
D5-D4
00
Diagnostic Hold Time selection:
D5-D4 Timing
00
Normal
01
x2
10
x4
11
/2
D3-D2
00
Reserved
D1
0
Current sensing data communication
0 - data out generated on I2S clock falling edge
1 - data out generated on I2S clock rising edge
D0
0
Current sensing protocol configuration:
0 - Force I2Stest at '0' on other slots
1 - Set transmitter in HiZ state on other slots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82