전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L7CX 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 VL53L7CX
상세설명  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button VL53L7CX Datasheet HTML 21Page - STMicroelectronics VL53L7CX Datasheet HTML 22Page - STMicroelectronics VL53L7CX Datasheet HTML 23Page - STMicroelectronics VL53L7CX Datasheet HTML 24Page - STMicroelectronics VL53L7CX Datasheet HTML 25Page - STMicroelectronics VL53L7CX Datasheet HTML 26Page - STMicroelectronics VL53L7CX Datasheet HTML 27Page - STMicroelectronics VL53L7CX Datasheet HTML 28Page - STMicroelectronics VL53L7CX Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
6
Outline drawings
The figures below give details of the VL53L7CX module. All values are given in millimetres.
Figure 21. Outline drawing (1/4)
Note:
A thermal pad is required on the application board for thermal dissipation purpose. For more information, refer to
AN5853.
Note:
For more information, refer to the pin description in Table 3. VL53L7CX pin description.
VL53L7CX
Outline drawings
DS13865 - Rev 3
page 25/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40