전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UHE0J331MPD 데이터시트(PDF) 3 Page - Nichicon corporation

부품명 UHE0J331MPD
상세설명  Miniature Sized, Low Impedance, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE0J331MPD 데이터시트(HTML) 3 Page - Nichicon corporation

  UHE0J331MPD Datasheet HTML 1Page - Nichicon corporation UHE0J331MPD Datasheet HTML 2Page - Nichicon corporation UHE0J331MPD Datasheet HTML 3Page - Nichicon corporation UHE0J331MPD Datasheet HTML 4Page - Nichicon corporation UHE0J331MPD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
217
UHE
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
16 (1C)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
25 (1E)
V (Code)
Item
Code
Cap.(µF)
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 3 will be put at 12th digit of type numbering system.
Standard Ratings
47
56
100
120
220
330
470
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
470
560
101
121
221
331
471
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
5 × 11
6.3 × 11
8 × 11.5
8 × 15
10 × 12.5
8 × 20
10 × 16
10 × 20
12.5 × 15
10 × 25
10 × 31.5
12.5 × 20
16 × 15
12.5 × 25
18 × 15
12.5 × 31.5
16 × 20
12.5 × 35.5
12.5 × 40
16 × 25
16 × 20
16 × 31.5
18 × 25
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.027
0.043
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2230
2210
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
5 × 11
6.3 × 11
8 × 11.5
8 × 15
10 × 12.5
8 × 20
10 × 16
10 × 20
12.5 × 15
10 × 25
10 × 31.5
12.5 × 20
16 × 15
18 × 15
12.5 × 25
12.5 × 31.5
16 × 20
12.5 × 35.5
18 × 20
12.5 × 40
16 × 25
16 × 31.5
18 × 25
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
0.58
0.22
0.13
0.087
0.080
0.069
0.06
0.046
0.049
0.042
0.031
0.035
0.042
0.043
0.027
0.024
0.027
0.020
0.026
0.017
0.021
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.11
0.089
0.078
0.078
0.065
0.067
0.056
0.060
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2210
2230
2650
2530
2880
2860
3350
2930
3450
3140
3610
4170
4080
4220
4280



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com