전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UHE0J331MPD 데이터시트(PDF) 5 Page - Nichicon corporation

부품명 UHE0J331MPD
상세설명  Miniature Sized, Low Impedance, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE0J331MPD 데이터시트(HTML) 5 Page - Nichicon corporation

  UHE0J331MPD Datasheet HTML 1Page - Nichicon corporation UHE0J331MPD Datasheet HTML 2Page - Nichicon corporation UHE0J331MPD Datasheet HTML 3Page - Nichicon corporation UHE0J331MPD Datasheet HTML 4Page - Nichicon corporation UHE0J331MPD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
219
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
63 (1J)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
100 (2A)
Standard Ratings
V (Code)
Item
Code
Cap.(μF)
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 3 will be put at 12th digit of type numbering system.
6.8
15
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
6R8
150
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
5
× 11
6.3 × 11
8 × 11.5
8 × 11.5
8 × 15
10 × 12.5
8 × 20
10 × 16
10 × 20
12.5 × 15
10 × 25
10 × 31.5
12.5 × 20
16 × 15
12.5 × 25
18 × 15
12.5 × 31.5
16 × 20
12.5 × 35.5
16 × 25
12.5 × 40
18 × 20
16 × 31.5
18 × 25
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
2.3
1.2
0.63
0.63
0.45
0.43
0.33
0.31
0.21
0.23
0.20
0.15
0.16
0.14
0.12
0.12
0.10
0.091
0.083
0.073
0.071
0.080
0.054
0.057
0.045
0.047
0.040
0.040
0.036
9.3
5.0
2.8
2.8
2.1
1.8
1.6
1.5
0.94
1.1
0.84
0.71
0.64
0.66
0.45
0.50
0.42
0.38
0.35
0.27
0.30
0.30
0.20
0.21
0.17
0.17
0.15
0.15
0.13
62
126
260
260
335
325
408
400
518
527
595
740
765
895
875
1030
1010
1130
1140
1350
1280
1300
1650
1560
1900
1720
2130
1890
2470
5 × 11
6.3 × 11
8 × 11.5
8 × 15
10 × 12.5
8 × 20
10 × 16
10 × 20
12.5 × 15
10 × 25
12.5 × 20
10 × 31.5
12.5 × 20
16 × 15
12.5 × 25
18 × 15
12.5 × 31.5
16 × 20
12.5 × 35.5
16 × 25
12.5 × 40
18 × 20
16 × 31.5
18 × 25
16 × 35.5
18 × 31.5
16 × 40
18 × 35.5
18 × 40
2.3
1.2
0.63
0.45
0.43
0.33
0.31
0.21
0.23
0.20
0.20
0.15
0.16
0.14
0.12
0.12
0.10
0.091
0.083
0.073
0.071
0.080
0.054
0.057
0.045
0.047
0.040
0.040
0.036
9.3
5.0
2.8
2.1
1.8
1.6
1.5
0.94
1.1
0.84
0.84
0.71
0.64
0.66
0.45
0.50
0.42
0.38
0.35
0.27
0.30
0.30
0.20
0.21
0.17
0.17
0.15
0.15
0.13
62
126
260
335
325
408
400
518
527
595
740
740
765
895
875
1030
1010
1130
1140
1350
1280
1300
1650
1560
1900
1720
2130
1890
2470
UHE



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com