전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UHE0J331MPD 데이터시트(PDF) 1 Page - Nichicon corporation

부품명 UHE0J331MPD
상세설명  Miniature Sized, Low Impedance, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE0J331MPD 데이터시트(HTML) 1 Page - Nichicon corporation

  UHE0J331MPD Datasheet HTML 1Page - Nichicon corporation UHE0J331MPD Datasheet HTML 2Page - Nichicon corporation UHE0J331MPD Datasheet HTML 3Page - Nichicon corporation UHE0J331MPD Datasheet HTML 4Page - Nichicon corporation UHE0J331MPD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
215
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Performance Characteristics
ltem
UHE
Miniature Sized, Low Impedance,
High Reliability
Low impedance and high reliability withstanding 4000 hours to 10000 hours.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 10V 1000µF)
U
1
H
2
E
3
1
4
A
5
1
6
0
7
2
8
M
9
P
10
D
11
12
Capacitance tolerance ( ±20%)
Size code
Rated capacitance (1000
µF)
Rated voltage (10V)
Configuration
Series name
Type
(mm)
φD
P
φd
10
5.0
0.6
5
2.0
0.5
12.5
5.0
16
7.5
0.6
0.8
18
7.5
0.8
6.3
2.5
0.5
0.6
8
3.5
In case L > 25 for the
φ12.5 dia. unit, lead dia. φd = 0.8mm
(L < 20) 1.5
(L
20) 2.0
Pressurerelief vent
(
φ6.3up)
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 to 18
HD
Configuration
15MIN
4MIN
φd
Sleeve (P.E.T.)
L+ MAX.
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
– 40 to +105˚C
6.3 to 100V
0.47 to 18000µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
Case size
φD <
= 6.3
φD = 8 , 10
φD >
= 12.5
tan δ (MAX.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25˚C / Z+20˚C
6.3 to 10WV
4000 hours
6000 hours
8000 hours
5000 hours
7000 hours
10000 hours
Z–40˚C / Z+20˚C
16 to 100WV
Impedance ratio
ZT / Z20 (MAX.)
Rated voltage
(V)
6.3
10
16
25
35
50
63
100
4
3
2
2
2
2
2
2
8
6
4
3
3
3
3
3
6.3
10
16
25
35
50
63
100
The following specifications shall be met when the capacitors are restored to 20
˚C after D.C. bias plus rated ripple current is
applied at 105
˚C , the peak voltage shall not exceed the rated voltage.
Marking
Printed with white color letter on black sleeve.
Capacitance change
Within ± 25% of the initial capacitance value
tan δ
200% or less than the initial specified value
Leakage current
Less than or equal to the initial specified value
120Hz
20˚C
120Hz
UHE
UHD
0.47 to 33
39 to 330
390 to 1000
1200 to 18000
0.55
0.70
0.75
0.80
50Hz
120Hz
300Hz
1kHz
0.45
0.60
0.65
0.75
0.70
0.85
0.90
0.95
0.90
0.95
0.98
1.00
10kHz or more
1.00
1.00
1.00
1.00
Cap. (µF)
Frequency
Frequency coefficient of rated ripple current
Dimension table in next page.
Long Life
• Please refer to page 20 about the end seal configuration.


유사한 부품 번호 - UHE0J331MPD

제조업체부품명데이터시트상세설명
logo
Nichicon corporation
UHE0J331MED NICHICON-UHE0J331MED Datasheet
100Kb / 6P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - UHE0J331MPD

제조업체부품명데이터시트상세설명
logo
United Chemi-Con, Inc.
ELXY100ELL182MK20S CHEMI-CON-ELXY100ELL182MK20S Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
ELXY500ELL102ML30S CHEMI-CON-ELXY500ELL102ML30S Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
ELXY250ELL121MF15D CHEMI-CON-ELXY250ELL121MF15D Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
ELXY630ELL471ML25S CHEMI-CON-ELXY630ELL471ML25S Datasheet
64Kb / 2P
High reliability, Low impedance, 105?
logo
Nichicon corporation
UCS2C100MPD NICHICON-UCS2C100MPD Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
UHE1H471MHD6 NICHICON-UHE1H471MHD6 Datasheet
75Kb / 5P
Miniature Sized, Low Impedance,High Reliability
UPW1C681MPD1TD NICHICON-UPW1C681MPD1TD Datasheet
81Kb / 5P
Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
logo
List of Unclassifed Man...
RJB-10V102MH4 ETC2-RJB-10V102MH4 Datasheet
68Kb / 3P
105째C Use, Miniature, High-Reliability, Low Impedance Capacitors
logo
Nichicon corporation
UHW NICHICON-UHW_18 Datasheet
767Kb / 4P
Miniature Sized, High Ripple Current,High Reliability
UHW NICHICON-UHW_17 Datasheet
766Kb / 4P
Miniature Sized, High Ripple Current, High Reliability
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com