전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UHE0J331MPD 데이터시트(PDF) 4 Page - Nichicon corporation

부품명 UHE0J331MPD
상세설명  Miniature Sized, Low Impedance, High Reliability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE0J331MPD 데이터시트(HTML) 4 Page - Nichicon corporation

  UHE0J331MPD Datasheet HTML 1Page - Nichicon corporation UHE0J331MPD Datasheet HTML 2Page - Nichicon corporation UHE0J331MPD Datasheet HTML 3Page - Nichicon corporation UHE0J331MPD Datasheet HTML 4Page - Nichicon corporation UHE0J331MPD Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
218
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
35 (1V)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
50 (1H)
Standard Ratings
V (Code)
Item
Code
Cap.(μF)
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 3 will be put at 12th digit of type numbering system.
0.47
1
2.2
3.3
4.7
10
22
33
47
56
100
120
150
180
220
270
330
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
R47
010
2R2
3R3
4R7
100
220
330
470
560
101
121
151
181
221
271
331
471
561
681
821
102
122
152
182
222
272
332
392
5 × 11
6.3 × 11
6.3 × 11
8
× 11.5
8
× 11.5
8
× 15
10
× 12.5
8 × 20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 31.5
12.5
× 20
16
× 15
12.5
× 25
18
× 15
12.5
× 31.5
16
× 20
12.5
× 35.5
12.5
× 40
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
0.58
0.22
0.22
0.13
0.13
0.087
0.080
0.069
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.027
0.043
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.87
0.52
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
250
340
640
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2230
2210
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 20
10
× 31.5
12.5
× 20
16
× 15
12.5
× 25
18
× 15
12.5
× 31.5
12.5
× 35.5
16
× 20
12.5
× 40
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
16
× 40
18
× 31.5
18 × 35.5
18
× 40
5.5
4
2.5
2.2
1.9
1.5
0.70
0.30
0.30
0.30
0.17
0.12
0.12
0.091
0.084
0.060
0.061
0.055
0.060
0.043
0.045
0.055
0.034
0.054
0.030
0.025
0.034
0.021
0.025
0.036
0.022
0.026
0.019
0.016
0.021
0.017
0.014
22
16
10
8.8
7.6
6
2.8
1.2
1.2
1.2
0.68
0.48
0.48
0.36
0.34
0.24
0.20
0.22
0.24
0.17
0.15
0.17
0.11
0.15
0.10
0.083
0.10
0.069
0.075
0.097
0.066
0.070
0.057
0.048
0.057
0.046
0.038
17
30
43
53
88
100
180
295
295
295
555
730
760
910
1050
1220
1260
1440
1220
1690
1660
1690
1950
1930
2310
2510
2210
2920
2555
2490
3010
2740
3150
3710
3635
3680
3800
UHE



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com