전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24LC08 데이터시트(PDF) 1 Page - Ceramate Technical

부품명 24LC08
상세설명  8K-Bit Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CERAMATE [Ceramate Technical]
홈페이지  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC08 데이터시트(HTML) 1 Page - Ceramate Technical

  24LC08 Datasheet HTML 1Page - Ceramate Technical 24LC08 Datasheet HTML 2Page - Ceramate Technical 24LC08 Datasheet HTML 3Page - Ceramate Technical 24LC08 Datasheet HTML 4Page - Ceramate Technical 24LC08 Datasheet HTML 5Page - Ceramate Technical 24LC08 Datasheet HTML 6Page - Ceramate Technical 24LC08 Datasheet HTML 7Page - Ceramate Technical 24LC08 Datasheet HTML 8Page - Ceramate Technical 24LC08 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
24LC08
8K-Bit Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 23
Rev 1.1 Nov.18, 2002
OVERVIEW
The 24LC08 serial EEPROM has a 8,192-bit (1,024-byte) capacity, supporting the standard I C -bus
serial interface. It is fabricated using CERAMATE's most advanced CMOS technology. One of its major feature
is a hardware-based write protection circuit for the entire memory area. Hardware-based write protection
is controlled by the state of the write-protect (WP) pin. Using one-page write mode, you can load up to
16 bytes of data into the EEPROM in a single write operation. Another significant feature of the 24LC08
is its support for fast mode and standard mode.
FEATURES
I
2C-Bus Interface
Two-wire serial interface
Automatic word address increment
EEPROM
8K-bit (1,024-byte)
storage area
• 16-byte page buffer
• Typical 3.5 ms write cycle time with
auto-erase function
• Hardware-based write protection for the entire
EEPROM (using the WP pin)
EEPROM programming voltage generated
on chip
1,000,000 erase/write cycles
100 years data retention
Operating Characteristics
Operating voltage
— 2.5 V to 5.5 V (write)
— 2.2 V to 5.5 V (read)
Operating current
— Maximum write current: < 3 mA at 5.5 V
— Maximum read current: < 200
µA at 5.5 V
— Maximum stand-by current: < 5
µA at 3.3 V
Operating temperature range
— – 25°C to + 70°C (commercial)
— – 40°C to + 85°C (industrial)
Operating clock frequencies
— 100 kHz at standard mode
— 400 kHz at fast mode
Electrostatic discharge (ESD)
— 3,000 V (HBM)
— 300 V (MM)
Packages
8-pin DIP, SOP, and TSSOP
ORDERING INFORMATION
24 LC
08 X X
Operating Voltage
Type
Temp. grade
Packing
LC:2.5~5.5V,CMOS
08=8K
Blank:-25℃~+70℃
Blank :Tube
A :Taping(SOP8)
T :Taping(TSSOP8)
2
TM


유사한 부품 번호 - 24LC08

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
24LC08 ATMEL-24LC08 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
logo
Microchip Technology
24LC080-IP MICROCHIP-24LC080-IP Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC080-ISN MICROCHIP-24LC080-ISN Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC080-P MICROCHIP-24LC080-P Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC080-SN MICROCHIP-24LC080-SN Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
More results

유사한 설명 - 24LC08

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
24AA08 MICROCHIP-24AA08 Datasheet
367Kb / 26P
8K IC SERIAL EEPROM
2008
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
8K-Bit Microwire Serial EEPROM
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24LC08BISN MICROCHIP-24LC08BISN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BIST MICROCHIP-24LC08BIST Datasheet
553Kb / 30P
8K I2C Serial EEPROM
2009
24LC08BT-IOT MICROCHIP-24LC08BT-IOT Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
11/29/11
24AA08 MICROCHIP-24AA08 Datasheet
864Kb / 30P
8K I2C Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com