전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24LC08 데이터시트(PDF) 12 Page - Ceramate Technical

부품명 24LC08
상세설명  8K-Bit Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CERAMATE [Ceramate Technical]
홈페이지  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC08 데이터시트(HTML) 12 Page - Ceramate Technical

Back Button 24LC08 Datasheet HTML 8Page - Ceramate Technical 24LC08 Datasheet HTML 9Page - Ceramate Technical 24LC08 Datasheet HTML 10Page - Ceramate Technical 24LC08 Datasheet HTML 11Page - Ceramate Technical 24LC08 Datasheet HTML 12Page - Ceramate Technical 24LC08 Datasheet HTML 13Page - Ceramate Technical 24LC08 Datasheet HTML 14Page - Ceramate Technical 24LC08 Datasheet HTML 15Page - Ceramate Technical 24LC08 Datasheet HTML 16Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
24LC08
8K-Bit Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 12 of 23
Rev 1.1 Nov.18, 2002
RANDOM ADDRESS BYTE READ OPERATION
Using random read operations, the master can access any memory location at any time. Before it issues the
slave address with the R/W bit set to “1”, the master must first perform a “ dummy” write operation. This operation
is performed in the following steps:
1. The master first issues a Start condition, the slave address, and the word address to be read. (This step sets
the internal word address pointer of the 24LC08 to the desired address.)
2. When the master receives an ACK for the word address, it immediately re-issues a start condition followed
by another slave address, with the R/W bit set to “1”.
3. The 24LC08 then sends an ACK and the 8-bit data stored at the desired address.
4. At this point, the master does not acknowledge the transmission, but generates a stop condition instead.
5. In response, the 24LC08 stops transmitting data and reverts to its stand-by mode
(see Figure 3-13).
Slave Address
Word Address
Start
A
C
K
A
C
K
Slave Address
A
C
K
N
O
A
C
K
Stop
Start
Data (n)
Figure 3-13. Random Address Byte Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com