전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24LC08 데이터시트(PDF) 11 Page - Ceramate Technical

부품명 24LC08
상세설명  8K-Bit Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CERAMATE [Ceramate Technical]
홈페이지  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LC08 데이터시트(HTML) 11 Page - Ceramate Technical

Back Button 24LC08 Datasheet HTML 7Page - Ceramate Technical 24LC08 Datasheet HTML 8Page - Ceramate Technical 24LC08 Datasheet HTML 9Page - Ceramate Technical 24LC08 Datasheet HTML 10Page - Ceramate Technical 24LC08 Datasheet HTML 11Page - Ceramate Technical 24LC08 Datasheet HTML 12Page - Ceramate Technical 24LC08 Datasheet HTML 13Page - Ceramate Technical 24LC08 Datasheet HTML 14Page - Ceramate Technical 24LC08 Datasheet HTML 15Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
24LC08
8K-Bit Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 11 of 23
Rev 1.1 Nov.18, 2002
HARDWARE-BASED WRITE PROTECTION
You can also write-protect the entire memory area of the 24LC08 This method of write protection is
controlled by the state of the Write Protect (WP) pin.
When the WP pin is connected to VCC, any attempt to write a value to the memory is ignored. The 24LC08
will acknowledge slave and word address, but it will not generate an acknowledge after receiving the first byte
of the data. Thus the write cycle will not be started when the stop condition is generated. By connecting the WP
pin to V SS, the write function is allowed for the entire memory.
These write protection features effectively change the EEPROM to a ROM in order to prevent data from being
overwritten. Whenever the write function is disabled, a slave address and a word address are acknowledged on
the bus, but data bytes are not acknowledged.
CURRENT ADDRESS BYTE READ OPERATION
The internal word address pointer maintains the address of the last word accessed, incremented by one.
Therefore, if the last access (either read or write) was to the address “n”, the next read operation would access
data at address “n+1”.
When the 24LC08 receives a slave address with the R/W bit set to “1”, it issues an ACK and sends the eight
bits of data. The master does not acknowledge the transfer but it does generate a Stop condition. In this way,
the 24LC08 effectively stops the transmission (see Figure 3-12).
Slave Address
Data
Start
A
C
K
Stop
N
O
A
C
K
Figure 3-12. Current Address Byte Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com