전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM50 데이터시트(PDF) 5 Page - Hirose Electric

부품명 BM50
상세설명  0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BM50 데이터시트(HTML) 5 Page - Hirose Electric

  BM50 Datasheet HTML 1Page - Hirose Electric BM50 Datasheet HTML 2Page - Hirose Electric BM50 Datasheet HTML 3Page - Hirose Electric BM50 Datasheet HTML 4Page - Hirose Electric BM50 Datasheet HTML 5Page - Hirose Electric BM50 Datasheet HTML 6Page - Hirose Electric BM50 Datasheet HTML 7Page - Hirose Electric BM50 Datasheet HTML 8Page - Hirose Electric BM50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
BM50 Series/0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Header
A
B
0.1
0.15
C
Recommended PCB Layout
0.18±0.02
C±0.02
0.91±0.02
E±0.02
D±0.02
0.26±0.02
Recommended Metal Mask Dimensions
(Mask Thickness : 0.08mm)
0.26±0.01
D±0.01
E±0.01
0.91±0.01
C±0.01
0.18±0.01
Part No.
HRS No.
No. of Pos.
A
B
C
D
E
Purchase Unit
(##):(51)
Purchase Unit
(##):(53)
Signal
Contact
Power
Contact
BM50U-4DP/2-0.35V(##)
CL0480-0670-0-##
4
2
3.58
1.91
0.35
3.02
1.00
20,000pcs
per reel
1,000pcs
per reel
Unit : mm
Note : This connector has no polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com