전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM50 데이터시트(PDF) 1 Page - Hirose Electric

부품명 BM50
상세설명  0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BM50 데이터시트(HTML) 1 Page - Hirose Electric

  BM50 Datasheet HTML 1Page - Hirose Electric BM50 Datasheet HTML 2Page - Hirose Electric BM50 Datasheet HTML 3Page - Hirose Electric BM50 Datasheet HTML 4Page - Hirose Electric BM50 Datasheet HTML 5Page - Hirose Electric BM50 Datasheet HTML 6Page - Hirose Electric BM50 Datasheet HTML 7Page - Hirose Electric BM50 Datasheet HTML 8Page - Hirose Electric BM50 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BM50 Series
0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current,
Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
This product
was selected as a
CES
Innovation
Awards
Honoree
The CES Innovation Awards are based upon descriptive materials submitted to the judges.
CTA did not verify the accuracy of any submission or of any claims made and did not test the item to which the award was given.


유사한 부품 번호 - BM50

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BM50B-SRDS-G-TF ETC2-BM50B-SRDS-G-TF Datasheet
169Kb / 3P
1.0mm pitch/Disconnectable Crimp style connectors
More results

유사한 설명 - BM50

제조업체부품명데이터시트상세설명
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP21 JAE-WP21 Datasheet
438Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26 JAE-WP26 Datasheet
463Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com