전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM50 데이터시트(PDF) 9 Page - Hirose Electric

부품명 BM50
상세설명  0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BM50 데이터시트(HTML) 9 Page - Hirose Electric

Back Button BM50 Datasheet HTML 3Page - Hirose Electric BM50 Datasheet HTML 4Page - Hirose Electric BM50 Datasheet HTML 5Page - Hirose Electric BM50 Datasheet HTML 6Page - Hirose Electric BM50 Datasheet HTML 7Page - Hirose Electric BM50 Datasheet HTML 8Page - Hirose Electric BM50 Datasheet HTML 9Page - Hirose Electric BM50 Datasheet HTML 10Page - Hirose Electric BM50 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
BM50 Series/0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Connector Handling Precautions
【Mating Disengagement Prevention】
Please use cushioning.
This connector may come off due to impact such as dropping.
Cushioning should be large enough to cover the entire connector.
Cushioning
【Mating Method】
1. Locate the guide port and align.
This product has a guide rib on the header to ensure proper engagement.
Align the connector so that it is in this position.
2. Once aligned, the connector engages.
You can feel the mated height of the connector lower.
Move Slightly
Move the connector forward and backward,
left and right to find the guide port.
The mated height lowers
to the perfect mated condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com