전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM50 데이터시트(PDF) 7 Page - Hirose Electric

부품명 BM50
상세설명  0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BM50 데이터시트(HTML) 7 Page - Hirose Electric

Back Button BM50 Datasheet HTML 3Page - Hirose Electric BM50 Datasheet HTML 4Page - Hirose Electric BM50 Datasheet HTML 5Page - Hirose Electric BM50 Datasheet HTML 6Page - Hirose Electric BM50 Datasheet HTML 7Page - Hirose Electric BM50 Datasheet HTML 8Page - Hirose Electric BM50 Datasheet HTML 9Page - Hirose Electric BM50 Datasheet HTML 10Page - Hirose Electric BM50 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
BM50 Series/0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Packaging Specifications Diagram
Unreeling Direction
Unreeling Direction
B-B
A-A
B
B
A
A
4±0.1
4±0.1
0.6±0.1
0.2±0.1
2±0.1
●Reel Dimensions
●Embossed Tape Dimensions
Header
●Reel Dimensions
●Embossed Tape Dimensions
Receptacle
B-B
A
B
B
A
A-A
4±0.1
4±0.1
2±0.1
0.75±0.1
0.2±0.1
φ1.5 SPROCKET
HOLE
FAR SIDE
φ1.5 SPROCKET
HOLE
FAR SIDE
BAR-CODE
LABEL
BAR-CODE
LABEL
17.4±1
13.4±1
17.4±1
21.4±1
Note1:The (53) specification is φ180±2.
Note2:The (53) specification is φ60±1.
Note1:The (53) specification is φ180±2.
Note2:The (53) specification is φ60±1.
IEC 60286-3, JIS C 0806 Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com