전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H7B0RB 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 STM32H7B0RB
상세설명  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 55Page - STMicroelectronics STM32H7B0RB Datasheet HTML 56Page - STMicroelectronics STM32H7B0RB Datasheet HTML 57Page - STMicroelectronics STM32H7B0RB Datasheet HTML 58Page - STMicroelectronics STM32H7B0RB Datasheet HTML 59Page - STMicroelectronics STM32H7B0RB Datasheet HTML 60Page - STMicroelectronics STM32H7B0RB Datasheet HTML 61Page - STMicroelectronics STM32H7B0RB Datasheet HTML 62Page - STMicroelectronics STM32H7B0RB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 205 page
background image
Table 14. Port G alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/
PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/
TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/
SPI4/5/
SPI6/I2S6
DFSDM1/2/
I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/
SPI2/I2S2/
SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/LCD
/OCTOSPIM_P1/2/
SDMMC2/SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/SAI2/
SDMMC2/TIM8
DFSDM1/2/
I2C4/LCD/
MDIOS/
OCTOSPIM_P1/
SDMMC2/
SWPMI1/
TIM1/8/
UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/
TIM1
LCD/
UART5
SYS
PG0
-
-
-
-
-
-
-
-
-
OCTOSPIM_P2_IO4
-
UART9_RX
FMC_A10
-
-
EVENTOUT
PG1
-
-
-
-
-
-
-
-
-
OCTOSPIM_P2_IO5
-
UART9_TX
FMC_A11
-
-
EVENTOUT
PG2
-
-
-
TIM8_BKIN
-
-
-
-
-
-
-
TIM8_BKIN_
COMP12
FMC_A12
-
-
EVENTOUT
PG3
-
-
-
TIM8_BKIN2
-
-
-
-
-
-
-
TIM8_BKIN2_
COMP12
FMC_A13
-
-
EVENTOUT
PG4
-
TIM1_BKIN2
-
-
-
-
-
-
-
-
-
TIM1_BKIN2_
COMP12
FMC_A14/
FMC_BA0
-
-
EVENTOUT
PG5
-
TIM1_ETR
-
-
-
-
-
-
-
-
-
-
FMC_A15/
FMC_BA1
-
-
EVENTOUT
PG6
-
TIM17_BKIN
-
-
-
-
-
-
-
-
OCTOSPIM_P1_NCS
-
FMC_NE3
DCMI_D12/
PSSI_D12
LCD_R7
EVENTOUT
PG7
-
-
-
-
-
-
SAI1_MCLK_A
USART6_CK
-
OCTOSPIM_P2_DQS
-
-
FMC_INT
DCMI_D13/
PSSI_D13
LCD_CLK
EVENTOUT
PG8
-
-
-
TIM8_ETR
-
SPI6_SS/
I2S6_WS
-
USART6_RTS
SPDIFRX1_IN2
-
-
-
FMC_SDCLK
-
LCD_G7
EVENTOUT
PG9
-
-
-
-
-
SPI1_MISO/
I2S1_SDI
-
USART6_RX
SPDIFRX1_IN3
OCTOSPIM_P1_IO6
SAI2_FS_B
SDMMC2_D0
FMC_NE2/
FMC_NCE
DCMI_VSYNC/
PSSI_RDY
-
EVENTOUT
PG10
-
-
-
OCTOSPIM_P2_IO6
-
SPI1_SS/
I2S1_WS
-
-
-
LCD_G3
SAI2_SD_B
SDMMC2_D1
FMC_NE3
DCMI_D2/
PSSI_D2
LCD_B2
EVENTOUT
PG11
-
LPTIM1_IN2
-
-
-
SPI1_SCK/
I2S1_CK
-
-
SPDIFRX1_IN0
OCTOSPIM_P2_IO7
SDMMC2_D2
USART10_RX
-
DCMI_D3/
PSSI_D3
LCD_B3
EVENTOUT
PG12
-
LPTIM1_IN1
-
OCTOSPIM_P2_NCS
-
SPI6_MISO/
I2S6_SDI
-
USART6_RTS
SPDIFRX1_IN1
LCD_B4
SDMMC2_D3
USART10_TX
-
-
LCD_B1
EVENTOUT
PG13
TRACED0
LPTIM1_OUT
-
-
-
SPI6_SCK/
I2S6_CK
-
USART6_CTS/
USART6_NSS
-
-
SDMMC2_D6
USART10_CTS/
USART10_NSS
-
-
LCD_R0
EVENTOUT
PG14
TRACED1
LPTIM1_ETR
-
-
-
SPI6_MOSI/
I2S6_SDO
-
USART6_TX
-
OCTOSPIM_P1_IO7
SDMMC2_D7
USART10_RTS
-
-
LCD_B0
EVENTOUT
PG15
-
-
-
-
-
-
-
USART6_CTS/
USART6_NSS
-
OCTOSPIM_P2_DQS
-
-
-
DCMI_D13/
PSSI_D13
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More