전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H7B0RB 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32H7B0RB
상세설명  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0RB 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32H7B0RB Datasheet HTML 57Page - STMicroelectronics STM32H7B0RB Datasheet HTML 58Page - STMicroelectronics STM32H7B0RB Datasheet HTML 59Page - STMicroelectronics STM32H7B0RB Datasheet HTML 60Page - STMicroelectronics STM32H7B0RB Datasheet HTML 61Page - STMicroelectronics STM32H7B0RB Datasheet HTML 62Page - STMicroelectronics STM32H7B0RB Datasheet HTML 63Page - STMicroelectronics STM32H7B0RB Datasheet HTML 64Page - STMicroelectronics STM32H7B0RB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 205 page
background image
Table 16. Port I alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/
PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/
TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/SPI4/5/
SPI6/I2S6
DFSDM1/2/I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/SPI2/
I2S2/SPI3/
I2S3/SPI6/
I2S6/UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/L
CD/
OCTOSPIM_P1/2/
SDMMC2/
SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/SAI2/
SDMMC2/TIM8
DFSDM1/2/I2C4/LCD/
MDIOS/OCTOSPIM_P1/
SDMMC2/SWPMI1/
TIM1/8/UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/TIM1
LCD/
UART5
SYS
PI0
-
-
TIM5_CH4
-
-
SPI2_SS/
I2S2_WS
-
-
-
-
-
-
FMC_D24
DCMI_D13/
PSSI_D13
LCD_G5
EVENTOUT
PI1
-
-
-
TIM8_BKIN2
-
SPI2_SCK/
I2S2_CK
-
-
-
-
-
TIM8_BKIN2_COMP12
FMC_D25
DCMI_D8/
PSSI_D8
LCD_G6
EVENTOUT
PI2
-
-
-
TIM8_CH4
-
SPI2_MISO/
I2S2_SDI
-
-
-
-
-
-
FMC_D26
DCMI_D9/
PSSI_D9
LCD_G7
EVENTOUT
PI3
-
-
-
TIM8_ETR
-
SPI2_MOSI/
I2S2_SDO
-
-
-
-
-
-
FMC_D27
DCMI_D10/
PSSI_D10
-
EVENTOUT
PI4
-
-
-
TIM8_BKIN
-
-
-
-
-
-
SAI2_MCK_A
TIM8_BKIN_COMP12
FMC_NBL2
DCMI_D5/
PSSI_D5
LCD_B4
EVENTOUT
PI5
-
-
-
TIM8_CH1
-
-
-
-
-
-
SAI2_SCK_A
-
FMC_NBL3
DCMI_VSYNC/
PSSI_
RDY
LCD_B5
EVENTOUT
PI6
-
-
-
TIM8_CH2
-
-
-
-
-
-
SAI2_SD_A
-
FMC_D28
DCMI_D6/
PSSI_D6
LCD_B6
EVENTOUT
PI7
-
-
-
TIM8_CH3
-
-
-
-
-
-
SAI2_FS_A
-
FMC_D29
DCMI_D7/
PSSI_D7
LCD_B7
EVENTOUT
PI8
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PI9
-
-
-
OCTOSPIM_P2_IO0
-
-
-
-
UART4_RX
FDCAN1_RX
-
-
FMC_D30
-
LCD_
VSYNC
EVENTOUT
PI10
-
-
-
OCTOSPIM_P2_IO1
-
-
-
-
-
-
-
-
FMC_D31
PSSI_D14
LCD_
HSYNC
EVENTOUT
PI11
-
-
-
OCTOSPIM_P2_IO2
-
-
-
-
-
LCD_G6
OTG_HS_
ULPI_DIR
-
-
PSSI_D15
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More