| 전자부품 데이터시트 검색엔진 |
|
STM32H7B0RB 데이터시트(PDF) 197 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B0RB 데이터시트(HTML) 197 Page - STMicroelectronics |
|
197 / 205 page ![]() 3.23 Voltage reference buffer (VREFBUF) ............................................. 22 3.24 Ultra-low-power comparators (COMP) ............................................ 22 3.25 Operational amplifiers (OPAMP) ................................................. 22 3.26 Digital filter for sigma-delta modulators (DFSDM)................................... 22 3.27 Digital camera interface (DCMI) ................................................. 24 3.28 Parallel synchronous slave interface (PSSI) ....................................... 24 3.29 LCD-TFT display controller (LTDC)............................................... 24 3.30 JPEG codec (JPEG) ........................................................... 24 3.31 True random number generator (RNG) ........................................... 25 3.32 Cryptographic acceleration (CRYP and HASH)..................................... 25 3.33 On-the-fly decryption engine (OTFDEC) .......................................... 25 3.34 Timers and watchdogs ......................................................... 26 3.34.1 Advanced-control timers (TIM1, TIM8) ....................................... 26 3.34.2 General-purpose timers (TIMx) ............................................. 27 3.34.3 Basic timers (TIM6 and TIM7) .............................................. 27 3.34.4 Low-power timers (LPTIM1, LPTIM2, LPTIM3) ................................. 27 3.34.5 Independent watchdog ................................................... 27 3.34.6 Window watchdog....................................................... 28 3.34.7 SysTick timer .......................................................... 28 3.35 Real-time clock (RTC) ......................................................... 28 3.36 Tamper and backup registers (TAMP) ............................................ 28 3.37 Inter-integrated circuit interface (I2C) ............................................. 29 3.38 Universal synchronous/asynchronous receiver transmitter (USART) ................... 29 3.39 Low-power universal asynchronous receiver transmitter (LPUART) ................... 30 3.40 Serial peripheral interfaces (SPI)/integrated interchip sound interfaces (I2S) ............ 30 3.41 Serial audio interfaces (SAI) .................................................... 31 3.42 SPDIFRX receiver interface (SPDIFRX) .......................................... 31 3.43 Single wire protocol master interface (SWPMI)..................................... 31 3.44 Management data input/output (MDIO) slaves ..................................... 31 3.45 SD/SDIO/MMC card host interfaces (SDMMC) ..................................... 32 3.46 Controller area network (FDCAN1, FDCAN2) ...................................... 32 3.47 Universal serial bus on-the-go high-speed (OTG_HS) ............................... 32 3.48 High-definition multimedia interface (HDMI) - consumer electronics control (CEC) ....... 33 3.49 Debug infrastructure ........................................................... 33 4 Memory mapping .................................................................34 5 Pin descriptions ..................................................................35 STM32H7B0xB Contents DS13196 - Rev 7 page 197/205 |