| 전자부품 데이터시트 검색엔진 |
|
STM32U595AI 데이터시트(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI 데이터시트(HTML) 124 Page - STMicroelectronics |
|
124 / 377 page ![]() - 37 M757 U5 V6 J7 T17 P9 - 40M760 J7 PE9 I/O FT_hv - TIM1_CH1, ADF1_CCK0, MDF1_CCK0, LCD_G2, OCTOSPIM_P1_NCLK , FMC_D6, SAI1_FS_B, EVENTOUT - - - - 58 AA7 C11 - E4 F6 - - - 61 - VSS S - - - - - - J4 59 AC7 AC1 - T15 L7 - - J4 62 - VDD S - - - - - 38 J7 60 Y6 R5 H8 M13 P10 - 41 J7 63 H8 PE10 I/O FT_hav - TIM1_CH2N, ADF1_SDI0, MDF1_SDI4, LCD_G3, TSC_G5_IO1, OCTOSPIM_P1_CLK, FMC_D7, SAI1_MCLK_B, EVENTOUT - - 39 L7 61 W5 U5 M8 P15 P11 - 42 L7 64 M8 PE11 I/O FT_ha - TIM1_CH2, SPI1_RDY, MDF1_CKI4, LCD_G4, TSC_G5_IO2, OCTOSPIM_P1_NCS, FMC_D8, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |