| 전자부품 데이터시트 검색엔진 |
|
STM32U595AI 데이터시트(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI 데이터시트(HTML) 127 Page - STMicroelectronics |
|
127 / 377 page ![]() 32 50 E9 72 AA1 C3 M11 F3 F7 31 49 E9 71 M11 VSS S - - - - 33 51 D4 73 AC1 AC11 N12 P1 L8 32 50 D4 72 N12 VDD S - - - - -- - - - - -T1- - - - - - VDD S - - - - - - L11 - Y2 AA3 L10 T5 M11 33 51 L11 73 L10 PB12 I/O FT_hav - TIM1_BKIN, I2C6_SMBA, I2C2_SMBA, SPI2_NSS(boot), MDF1_SDI1, USART3_CK, LPUART1_RTS_DE, TSC_G1_IO1, OCTOSPIM_P1_NCLK , SAI2_FS_A, TIM15_BKIN, EVENTOUT - 34 52 K10 74 R5 Y4 N13 T7 M12 34 52 K10 74 N13 PB13 I/O FT_fa - TIM1_CH1N, LPTIM3_IN1, I2C2_SCL, SPI2_SCK(boot), MDF1_CKI1, USART3_CTS, LPUART1_CTS, TSC_G1_IO2, SAI2_SCK_A, TIM15_CH1N, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |