| 전자부품 데이터시트 검색엔진 |
|
STPM066S 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM066S 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 67 page ![]() 3 Electrical specifications 3.1 Absolute maximum ratings & operating voltage Table 2. Absolute maximum ratings & operating voltage Pin name Absolute maximum rating Operating voltage Min Max Unit Min Max Unit VBAT1 -0.3 42 V -0.3 32 V SGND -0.3 0.3 V 0 0 V AGND -0.3 0.3 V 0 0 V DGND -0.3 0.3 V 0 0 V REF -0.3 6.5 V -0.3 5.5 V VSLDO -0.3 13 V -0.3 6 V LDO -0.3 7 V -0.3 6 V WKUP -0.3 42 V -0.3 32 V RESET_B -0.3 6.5 V -0.3 5.5 V WDI -0.3 6.5 V -0.3 5.5 V CSN -0.3 6.5 V -0.3 5.5 V CLK -0.3 6.5 V -0.3 5.5 V DI -0.3 6.5 V -0.3 5.5 V DO -0.3 6.5 V -0.3 5.5 V FAULT -0.3 6.5 V -0.3 5.5 V SYNCOUT -0.3 4.6 V -0.3 3.6 V SYNCIN -0.3 6.5 V -0.3 5.5 V PGND -0.3 0.3 V -0.3 0.3 V VBAT2 -0.3 42 V -0.3 32 V BST PH2-0.3 PH2+4.6 V PH2-0.3 PH2+3.6 V PH_BUCK -1 42 V -1 32 V VR_BUCK_S -0.3 6.5 V -0.3 5.5 V PH_BOOST -0.3 9 V -0.3 8 V VRBOOST_S -0.3 13 V -0.3 7.5 V PGND_BOOST -0.3 0.3 V -0.3 0.3 V Debug -0.3 42 V -0.3 20 V COMP -0.3 4.6 V -0.3 3.6 V STPM066S Electrical specifications DS12976 - Rev 2 page 6/67 |