전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM6DS3TR-C 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 LSM6DS3TR-C
상세설명  iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR-C 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button LSM6DS3TR-C Datasheet HTML 38Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 39Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 40Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 41Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 42Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 43Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 44Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 45Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 115 page
background image
Digital interfaces
LSM6DS3TR-C
42/115
DocID030071 Rev 3
6.4.1
SPI read
Figure 10. SPI read protocol
The SPI Read command is performed with 16 clock pulses. A multiple byte read command
is performed by adding blocks of 8 clock pulses to the previous one.
bit 0: READ bit. The value is 1.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb
first).
bit 16-...: data DO(...-8). Further data in multiple byte reads.
Figure 11. Multiple byte SPI read protocol (2-byte example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More