| 전자부품 데이터시트 검색엔진 |
|
LSM6DS3TR-C 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS3TR-C 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 115 page ![]() DocID030071 Rev 3 43/115 LSM6DS3TR-C Digital interfaces 115 6.4.2 SPI write Figure 12. SPI write protocol The SPI Write command is performed with 16 clock pulses. A multiple byte write command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: WRITE bit. The value is 0. bit 1 -7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DI(7:0) (write mode). This is the data that is written inside the device (MSb first). bit 16-... : data DI(...-8). Further data in multiple byte writes. Figure 13. Multiple byte SPI write protocol (2-byte example) |