전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTMS1301FTB/AF 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 HTMS1301FTB/AF
상세설명  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 12Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 13Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 14Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 15Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 16Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 17Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 18Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 19Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
16 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
11.3.2 RWD receives no HITAG µ ISO 18000 transponder IC response
During an inventory process, when the RWD has received no HITAG µ ISO 18000
transponder IC response, it needs to wait TFp3 before sending a subsequent EOF to
switch to the next slot, if a 16 slot anticollision request is processed, or sending a
subsequent request (which could be again an inventory request).
TFp3 starts from the time the RWD has generated the falling edge of the last sent EOF.
The minimum value of TFp3 is TFp3min = TFp1max + TFpSOF.
TFpSOF is the time duration for a HITAG µ ISO 18000 transponder IC to transmit an SOF to
the RWD.
[1]
TC...Carrier period time (1/125kHz = 8 μs nominal)
Fig 10. Protocol timing diagram without HITAG µ ISO 18000 transponder IC response
Table 7.
Overview timing parameters [1]
Symbol
Min
Max
TFpSOF
3
× TFd
3
× TFd
TFp1
204
× TC
213
× TC
TFp2
150
× TC
-
TFp3
TFp1max + TFpSOF
-
001aaj834
carrier on
request
no response
request (or EOF)
carrier off
load off
load on
HITAG
μ
reader
TFpSOF
TFp3
TFp1MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44