전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTMS1301FTB/AF 데이터시트(PDF) 23 Page - NXP Semiconductors

부품명 HTMS1301FTB/AF
상세설명  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF 데이터시트(HTML) 23 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 19Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 20Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 21Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 22Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 23Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 24Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 25Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
23 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.3 INVENTORY
Upon reception of this command without error, all transponder ICs in the ready state shall
perform the anticollision sequence. The inventory (INV) flag shall be set to '1'. The NOS
flag determines whether 1 or 16 slots are used.
If AFI flag is set to ’1’ the transponder handles the request as error.
If a transponder IC detects any error, it shall remain silent.
[1]
Error and CRC are Manchester coded, UII is dual pattern coded.
[2]
Response within the according time slot.
Error Flag set to ’0’ indicates no error.
14.4 STAY QUIET
Upon reception of this command without error, a transponder IC in either ready state or
selected state enters the quiet state and shall not send back a response.
The STAY QUIET command with both SEL and ADR flag set to '0' or both set to '1' is not
allowed.
There is no response to the STAY QUIET request, even if the transponder detects an
error.
Table 14.
INVENTORY - Request format (00h)
Flags
Command
Mask length
Mask value
CRC-16
Description
5
6
6
n
(16)
No. of bits
10(1)10
000000
0
≤ n ≤ UII length
UII Mask
AC with 1
timeslot
00(1)10
000000
0
≤ n ≤ UII length
UII Mask
AC with 16
timeslot
Table 15.
Response to a successful INVENTORY request [1][2]
Error Flag
Data
CRC-16
Description
1
48 - n
(16)
No. of bits
0
Remaining UII without mask value
Table 16.
STAY QUIET - request format(01h)
Flags
Command
Data
CRC-16
Description
5
6
(48)
(16)
No. of bits:
01(1)00
000001
-
without UII
10(1)00
000001
UII
with UII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com