전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTMS1301FTB/AF 데이터시트(PDF) 30 Page - NXP Semiconductors

부품명 HTMS1301FTB/AF
상세설명  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTB/AF 데이터시트(HTML) 30 Page - NXP Semiconductors

Back Button HTMS1301FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 27Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 29Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 30Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 31Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 32Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 33Page - NXP Semiconductors HTMS1301FTB/AF Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
30 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.10 GET SYSTEM INFORMATION
Upon reception of this command without error, the transponder IC reads the requested
system memory block(s) and sends back their values in the response.
Error Flag set to ’0’ indicates no error.
Table 29.
GET SYSTEM INFORMATION - request format (17h)
Flags
Command
Data 1
CRC-16
Description
5
6
(48)
(16)
No. of bits
00(1)00
010111
without UII
10(1)00
010111
UII
with UII
Table 30.
GET SYSTEM INFORMATION - response format
Error
flag
Data
CRC-16
Description
1
40
8
8
8
8
8
8
8
8
(16)
No. of bits
0
system memory block data
MSN MFC ICR 000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com